Part Number Hot Search : 
AA4556 H5015FNL B0522BG1 D74LVC32 MT720 ISPB20 62003AFG 00115
Product Description
Full Text Search
 

To Download 1N4151W-V-GS18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4151W-V
Vishay Semiconductors
Small Signal Fast Switching Diode
Features
* Silicon Epitaxial Planar Diode * Fast switching diode e3 * This diode is also available in other case styles including the DO-35 case with the type designation 1N4151, and the MiniMELF case with the type designation LL4151. * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
17431
Mechanical Data
Case: SOD-123 Plastic case Weight: approx. 9.3 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part 1N4151W-V Ordering code 1N4151W-V-GS18 or 1N4151W-V-GS08 A5 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Peak reverse voltage Average rectified current half wave rectification with resistive load Surge current Power dissipation
1)Valid
Test condition
Symbol VR VRM
Value 50 75 150
1)
Unit V V mA
Tamb = 25 C and f 50 Hz
IF(AV)
t < 1 s and Tj = 25 C Tamb = 25 C
IFSM Ptot
500 410
1)
mA mW
provided that electrodes are kept at ambient temperature.
Document Number 85721 Rev. 1.2, 06-Apr-05
www.vishay.com 1
1N4151W-V
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range
1)
Test condition
Symbol RthJA Tj TS
Value 4501) 150 - 65 to 150
Unit C/W C C
Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Leakage current Reverse breakdown voltage Capacitance Reverse recovery time Test condition IF = 50 mA VR = 50 V VR = 20 V, Tj = 150 C IR = 5 A (pulsed) VF = VR = 0 V IF = 10 mA to IR = 10 mA to IR = 1 mA IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Rectification efficiency f = 100 MHz, VRF = 2 V trr trr 0.45 Symbol VF IR IR V(BR)R 75 2 4 2 Min Typ. Max 1.0 50 50 Unit V nA A V pF ns ns
Rectification Efficiency Measurement Circuit
60 VRF = 2 V
2 nF
5 k VO
17436
www.vishay.com 2
Document Number 85721 Rev. 1.2, 06-Apr-05
1N4151W-V
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
1000
Ctot - Relative Capacitance ( pF ) I F - Forward Current ( mA )
100
T j = 100 C
1.1 1.0 0.9
T j = 25 C f = 1 MHz
10 25 C 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
0.8 0.7 0 2 4 6 8 10
18742
V F - Forward Voltage ( V )
18664
VR - Reverse Voltage ( V )
Figure 1. Forward Current vs. Forward Voltage
Figure 4. Relative Capacitance vs. Reverse Voltage
rf - Dynamic Forward Resistance ( )
10000
I R - Leakage Current ( nA )
10000 T j = 25 C f = 1 kHz
1000
1000
100
100
10
10 VR = 50 V 1
1 0.01
18662
0.1 1 10 IF - Forward Current ( mA )
100
18744
0 20 40 60 80 100 120 140 160 180 200 Tj - Junction Temperature ( C )
Figure 2. Dynamic Forward Resistance vs. Forward Current
Figure 5. Leakage Current vs. Junction Temperature
Ptot - Admissible Power Dissipation ( mW )
1000 800 600 400 200 0 0 20 40 60 80 100 120 140 160180 200 Tamb - Ambient Temperature ( C )
18743
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
Document Number 85721 Rev. 1.2, 06-Apr-05
www.vishay.com 3
1N4151W-V
Vishay Semiconductors
100 I
I FRM - Admissible Repetitive Peak Forward Current ( A )
= t p /T
tp I FRM
T = 1/f p
10
= 0
0.1 0.2
t T
1
0.5
18709
10 -5
10 -4
10 -3
10 -2 tp - Pulse Length ( s )
10 -1
1
10
Figure 6. Admissible Repetitive Peak Forward Current vs. Pulse Duration
Package Dimensions in mm (Inches)
1.35 (0.053) max.
0.1 (0.004) max. 0.55 (0.022)
0.25 (0.010) min.
0.15 (0.006) max.
Mounting Pad Layout
ISO Method E
Cathode Band
3.85 (0.152)
2.85 (0.112)
2.55 (0.100)
3.55 (0.140)
1.40 (0.055) 1.70 (0.067) 1.40 (0.055)
0.72 (0.028)
2.40 (0.094)
17432
www.vishay.com 4
Document Number 85721 Rev. 1.2, 06-Apr-05
1N4151W-V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number 85721 Rev. 1.2, 06-Apr-05
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 1N4151W-V-GS18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X